Part Number Hot Search : 
SM202 30205001 LMA183 FDD5202P D16801 2N4223 02205 SA120A
Product Description
Full Text Search
 

To Download BA7795 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Video ICs
VCR standard audio signal processor
BA7795LS / BA7795FS
The BA7795LS and BA7795FS are standard audio signal processor ICs. They contain a playback preamplifier, line amplifier, recoeding amplifier, ALC circuit, EQ switch circuit and high-voltage head switch, and provide all of the functions required for normal-audio signal processing on a single IC with a minimum number of external components required.
*Applications recorders and tape decks Video cassette *Features in compact SZIP and SSOP-A24-pin pack1) Available
2) 3) 4) 5) ages. High-with standing-voltage head switch (AC with standing voltage: Min. 80VP-P (f = 70kHz) ). Simple, three-mode EQ switch built-in (BA7795LS). Built-in LINE / TUNER selector switch. High-performance low-noise playback amplifier. Input conversion noise figure - 122dBV (Typ. Rg = 680, DIN AUDIO). 6) ALC level can be varied. 7) ALC loop external mute eliminates audible noise at power on, and ALC attack noise. 8) Signal processing circuit can be constructed with the addition of just a few external components.
*Block diagram
EP LP + HEAD EQ 1 REC 2 PB IN REC HSW 3 REC 4 GND
RIPPLE FILTER
5 6 PB PB NFB
VCC
7
8 SP EQ CTRL 9
PB EQ
10 PB / TU / EE CTRL 11 PB 12
PB OUT
PB LINE IN
ALC LEVEL
13 14 BIAS + 20dB LINE - 8dB LINE ALC FILTER
BIAS
15
ALC 16 LINE IN
MUTE CTRL
17 - 8dB TUNER 18 TUNER IN
REC NFB
19
20 REC OUT 21 REC BF 22
GND
LINE OUT
EP
REC EQ
23
- 20dB
MUTE
24
REC / EE CTRL
BA7795LS
The BA7795FS has a different pin layout to the BA7795LS.
1
Video ICs
BA7795LS / BA7795FS
*Absolute maximum ratings (Ta = 25C)
Parameter Applied voltage Power dissipation BA7795LS BA7795FS Symbol VCC Pd Topr Tstg Limits 13 4001 8002 - 10 ~ + 65 - 55 ~ + 125 Unit V mW C C
Operating temperature Storage temperature
1 Reduced by 4.0mW for each increase in Ta of 1C over 25C. 2 Reduced by 8.0mW for each increase in Ta of 1C over 25C.
*Recommended operating conditions (Ta = 25C)
Parameter Power supply voltage Symbol VCC Limits 7.5 ~ 12.5 Unit V
*Pin descriptions
BA7795LS Pin No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 BA7795FS Pin No. 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 1 2 3 4 5 6 Pin name HEAD EQ PB IN REC HSW GND RIPPLE FILTER PB NFB VCC PB EQ EQ CTRL PB OUT PB / TU / EE CTRL PB LINE IN ALC LEVEL ALC FILTER BIAS LINE IN MUTE CTRL TUNER IN REC NFB GND REC OUT BF OUT REC EQ REC / EE CTRL Function Head resonance capacitor switch Playback amplifier input / playback head switch High-withstanding voltage recording head switch GND (playback amplifier) Ripple filter Playback amplifier feedback Power supply Playback EQ switch EQ control Playback amplifier output PB / TU / EE control (PB / EE control) Playback line amplifier ALC level setting ALC filter time constant Bias Line input MUTE control Tuner input (REC / EE control) Recording amplifier feedback GND Recording amplifier output Line amplifier output Recording EQ switch (recording EQ switch 2) REC / EE control (recording EQ switch 1)
2
Video ICs
BA7795LS / BA7795FS
*Electrical characteristics (unless otherwise noted, Ta = 25C, VCC = 9V, and f = 1kHz)
Parameter Quiescent current EE Quiescent current PB Quiescent current REC Line amplifier Power supply gain (PB input) Power supply gain (LINE1, LINE2, TU inputs) Distortion Maximum output level Output residual noise ALC level ALC distortion Mute attenuation ratio Recording amplifier Voltage gain Distortion Maximum output level Open loop gain Playback preamplifier Open loop gain Input conversion noise Total gain Head switch PB head switch impedance REC head switch impedance REC head switch AC withstanding voltage RPH RRH BVRHAC -- -- 80 11 11 100 20 20 -- VP-P f = 70kHz GVOP VNINP GVCP-L 62 -- 56 68 - 122.5 57.5 -- - 114 59 dB dBV dB Rg = 680, DIN AUDIO PB IN BF OUT GVCR THDR VOmR GVOR 19.0 -- 5.5 65 20.0 0.03 7.4 77 21.0 0.3 -- -- dB % dBV dB LINE, TUNER inputREC OUT VO = - 8dBV VO = - 8dBV, RL = 4.7k1 THD = 1%, RL = 4.7k1 GVCP GVCL THDL VOmL VNOL VOA THDA MT 27.0 19.0 -- 5.0 -- - 7.0 -- -- 28.0 20.0 0.1 7.2 - 81.5 - 6.0 0.18 - 82.5 29.0 21.0 0.3 -- - 75 - 5.0 0.5 - 72 dB dB % dBV dBV dBV % dB VO = - 8dBV VO = - 8dBV VO = - 8dBV, RL = 4.7k1 THD = 1%, RL = 4.7k1 Rg = 4.7k, DIN AUDIO VIN = - 23dBV R1 / R2 = 8.2 / 39k VIN = - 23dBV, RL = 4.7k1 Vo = 0dBV, DIN AUDIO Symbol IqEE IqPB IqREC Min. 6.3 6.3 4.9 Typ. 8.3 8.3 6.4 Max. 10.8 10.8 8.4 Unit mA mA mA Conditions When no signal When no signal When no signal
1 Measured at BW = 400Hz to 30kHz.
3
Video ICs
BA7795LS / BA7795FS
*Input / output circuits
10k EQ CTRL 56k PB / TU / EE CTRL
REC / EE CTRL
56k MUTE CTRL 56k
REC
PB HSW
Fig. 1
4
Video ICs
BA7795LS / BA7795FS
*Measurement circuit
BA7795LS
REC 1 1k 3.3 680 EP LP +
+
2 3 REC 4 330 22 0.01 4.7k 0.1 2.2M
+
PB IN 68k ON: GVOPB
AC BIAS IN 22
5 6 7
+ +
33
VCC
8 8.2k SP EQ CTRL 9
10 PB / TU / EE CTRL 11 PB 12 4.7k
R2 13 R1
12k 14 ALC - 8dB LINE
+ 28dB +
47
15
BIAS
330k
PB
ON: ALC OFF 0.1 16 4.7k LINE IN
LINE MUTE CTRL ON: GVEREC
+
17 1.5k - 8dB TUNER 18
0.1
4.7k
TUNER IN
19 15k
100
20 21 REC BF 22
+
REC OUT
4.7k RL 10
10
+
EP
23
- 20dB
MUTE
4.7k
LINE OUT
24
REC / EE CTRL
Units: R [] C [F]
Fig. 2
The BA7795FS has a different pin layout to the BA7795LS.
5
Video ICs
BA7795LS / BA7795FS
*Circuit operation (1) EE oparation
The input switch is used to select the audio signal input source (LINE or TUER). This signal is amplified by the line amplifier (voltage gain: 20dB at 1kHz). The ALC circuit controls the line amplifier output level. The ALC level is set externally. If mute mode is set in this state, the switch that connects the output buffer will go off, but the ALC loop will not be cut.
(2) Recoeding In recording mode, the recording amplifier directly connected to the line amplifier operates. The PB HEAD switch in the playback equalizer amplifier block switches on, and the signal is not input to the playback equalizer amplifier. The line amplifier output is attenuated by 20dB before it is input to the recording amplifier, so if the feedback components are chosen to given a gain of 20dB, the same REC OUT output level as the line amplifier can be obtained. It is also possible to switch the REC equalizer characteristic to suit the tape speed by switchig the control signal to EQ CTRL. The recording amplifier gain and equalizer characteristics are set externally.
Signal flow for EE and recording operation
EP LP +
1
REC
3.3
2 22 4 330
3 22 5 6
PB REC
VCC
33
7
8 EQ CTRL 9 10 PB / TU / EE CTRL 39k 13 8.2k
BIAS
8.2k 4.7k 4.7k
11
PB
12 47
14 15 ALC
- 8dB
MUTE CTRL 1.5k
LINE 17 + 28dB
16
+
19 15k
- 8dB
18
20 21 REC
BF
+
22
23 EP
MUTE
- 20dB
24
BIAS OSC REC + B
BA7795LS
Fig. 3 Signal flow for EE / recording
The BA7795FS has a different pin layout to the BA7795LS.
6
+
0.1
+
+ + +
330k
0.01
12k
2.2M LINE IN
TUNER IN
RL
LINE OUT 10 REC / EE CTRL
Units: R [ ] C [F]
Video ICs
(3) Playback operation The signal applied to PB IN is amplified by playback equalizer amplifier. At this time, the REC HEAD switch is switched on by a control signal to REC / EE, and the potential on one side of the head is fixed at GND . The playback equalizer amplifier gain and equalizer characteristics are set externally. The playback level is set by the resistor divider between PB OUT and the playback line input, The signal to the playback line input passes though the input switch, is amplified by 20dB in the line amplifier, and is output to the output buffer (the voltage
BA7795LS / BA7795FS
gain is different to that for the LINE input and TUNER input). It is possible to switch between the input block head equalizer resonance point and playback equalizer characteristic using the EQ CTRL control signal. The line output can be stopped by setting muting mode on using the MUTE CTRL signal. The ALC circuit and recording amplifier are stopped in playback mode.
Signal flow for playback operation
1
EP LP +
REC
+
2 22 4
3.3
3
REC
330k
22 33 5
+
+
+
PB
6 7 330k 8
SP
VCC
0.01
EQ CTRL
9
8.2k 10
12k
PB / TU / EE CTRL 39k
11
PB
4.7k 0.1 12
4.7k
13 8.2k
BIAS
+
14
47
15
ALC + 28dB
- 8dB
2.2M 16 0.1
- 8dB
MUTE CTRL 1.5k
17
LINE
LINE IN
18 0.1 20
TUNER IN
19 15k
+
10
21
REC
BF
4.7k 22
+
10
LINE OUT
EP
23
- 20dB
MUTE
24 BIAS OSC REC + B
REC / EE CTRL
BA7795LS
Units: R [] C [F]
Fig. 4 Signal flow for playback
The BA7795FS has a different pin layout to the BA7795LS.
7
Video ICs
BA7795LS / BA7795FS
*Control/ mode tablePB / TU / EE CTRL (1) REC EE CTRL,
Control pins REC / EE L L L H H H PB / TU / EE L M H L M H Mode LINE Mode TUNER PB LINE REC TUNER REC inhibit PB HSW OFF OFF OFF ON ON -- Function REC HSW ON ON ON OFF OFF -- LINE SW LINE TUNER PB LINE TUNER -- REC AMP OFF OFF OFF ON ON --
If REC / EE CTRL is set to "M", the REC pause state is possible (REC head switch: open, REC amplifier: off).
(2) MUTE CTRL
Control pins MUTE H L Mode MUTE MUTE Function LINE SW OPEN CLOSE
(3) EQ CTRL
Control pins EQ L M H 2 MODE SP -- EP Mode 3 MODE SP LP EP HEAD EQ SW OFF ON ON Function PB EQ SW CLOSE OPEN OPEN REC EQ SW OFF OFF ON
The L, M and H thresholds are: L to M: 1.7V, L to H: 2.5V, and M to H: 3.3V.
8
Video ICs
BA7795LS / BA7795FS
*Application example (BA7795LS)
REC
EP
1
3.3
LP
+
2 330 4 22
+
3 22 33
+
5 6 PB 7 330k 8 SP
VCC
REC
EQ CTRL
9
8.2k 10
PB / TU / EE CTRL R1
11 0.1 PB 12
+
13 R2 BIAS 15 ALC - 8dB LINE + 28dB MUTE CTRL 1.5k 19 15k 21 REC BF 22
+ +
14 2.2M 0.1 16 0.1 18 TUNER IN LINE IN
17
LINE
- 8dB TUNER
20 RL LINE OUT
EP
23
MUTE
- 20dB
10 24 REC / EE CTRL
BIAS OSC REC + B Units: R [] C [F]
The BA7795FS has a different pin layout to the BA7795LS.
Fig. 5
+
+
0.01
12k 4.7k 4.7k
47
9
Video ICs
BA7795LS / BA7795FS
*Operation notes (1) ALC level
Set the ALC level in the range - 8dBV to 0dBV by selecting the values of resistors R1 and R2 connected between BIAS, ALC LEVEL and GND. The formula for approximating the value of this resistor is as follows:
(2) Mute signal Apply the mute signal shown below at power on and off. If the muting time is short, a pop sound will be audible, particularly when the power is switched on.
VCC
1 VOA = 2 1 = 2
R1 VCC - 0.7 * * R1 + R2 2 R1 * VBIAS * R1 + R2
(H)
(H)
MUTE CTRL
2sec or more
LINE OUT
Fig. 7
If the ALC level setting is too low, level variation will increase compared to that of the standerd level (VOA = - 6dBV), and conversely, if the level is too high, the level variation will decrease, but distortion will increase.There is almost no temperature characteristic, but the ALC level does vary with supply voltage (VCC) as shown in the formula above. Use care when setting it.
Also, be certain to apply the mute signal when switching between PB / LINE / TU. In the case of LINE / TU switching, it is possible to suppress switching noise by applying a time constant to the signal, in which case it is not necessary to apply the mute signal. (3) Recording control Do not switch the PB and REC modes on togther. This will cause faulty operation. (4) Line output The line output can drive a load resistance of up to 2k. Depending on the type of load, it can cause local oscillation (eg. large capacitive loads that draw large current), so caution is required. In particular, when there is a possibility that the line output will be connected to a shielded cable, or line cable, connect a resistor of about 1k in series with the output so that the capacitive load is not directly coupled to the IC output terminal.
VBIAS =
VCC - 0.7 2
BIAS ALC LEVEL
R1 VBIAS R1 + R2
Fig. 6
10
Video ICs
BA7795LS / BA7795FS
*Electrical characteristic curves
40 VCC = 9V ALC; OFF
OUTPUT LEVEL: VOA (dBV)
10 MAXIMUM OUTPUT LEVEL: VOmL (dBV) VCC = 9V f = 1kHz 0
13 15
20
30 GAIN: GVCLT (dB)
R1 = 12k R1 = 18k
10
R1 5.6k R1 = 39k - 10
20
0 VCC = 9V (ALC; OFF) f = 1kHz THD = 1% (0.4 ~ 30kHz)
10
- 10
- 20
0
- 20
+
200 500 1k 2k
10 RL 5k 10k
LINE 100
100
1k
10k
100k
1M
- 30 - 40
- 30
- 20
- 10
0
10
FREQUENCY: f (Hz)
INPUT LEVEL: VIN (dBV)
OUTPUT IMPEDANCE RL ()
Fig. 8 Gain vs. frequency (PB amplifier)
Fig. 9 Line amplifier ALC input / output characteristics
Fig. 10 Line amplifier load drive characteristics
100
PB
10 OUTPUT NOISE LEVEL: VON (dBV)
SW 8 10 6 8.2k 330k 12k 0.01 22
- 70 LINE VCC = 9V ALC; OFF DIN AUDIO
0 - 10 OUTPUT LEVEL: VO (dBV) - 20 - 30 - 40 - 50 - 60 - 70 - 80 - 90 TULINE PBLINE MUTE
80 GAIN: GVOP - GVC (dB)
GVO
2
- 80
60 EP (SW: OFF)
330
+
BA7795LS
- 90
40
SP (SW: ON) 20
- 100 DIN AUDIO VCC = 9V CIN = 4.7F 100 200 500 1k 2k 5k 10k
- 100 0 100 1k 10k 100k 1M 10M - 110 10 100 1k 10k 100k
FREQUENCY: f (Hz)
FREQUENCY: f (Hz)
INPUT IMPEDANCE: Rg ()
Fig. 11 Playback amplifier frequency characteristics
Fig. 12 Line amplifier crosstalk
Fig. 13 Playback amplifier output noise characteristics
11
Video ICs
BA7795LS / BA7795FS
*External dimensions (Units: mm)
BA7795LS BA7795FS
21.8 0.2
2.8 0.2 9.9 0.5
10.0 0.2 24 7.8 0.3 5.4 0.2 13
5.8 0.2
2.0Min.
2.54 0.25 1 23
1.8 0.1
0.889
0.5 0.1
0.1 0.3 + 0.05 -
1
12
0.11
0.8
0.36 0.1
0.3Min. 0.15
2
24
SZIP24
SSOP-A24
12
0.15 0.1


▲Up To Search▲   

 
Price & Availability of BA7795

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X